Part Number Hot Search : 
ST63P26 AD8322 4VHC2 V0DS00 20200C TP17LT F101A 1N473
Product Description
Full Text Search
 

To Download MMBF5484LT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBF5484LT1
Preferred Device
JFET Transistor
N-Channel
Features
* Pb-Free Package is Available
MAXIMUM RATINGS
Rating Drain-Gate Voltage Reverse Gate-Source Voltage Forward Gate Current Continuous Device Dissipation at or Below TC = 25C Linear Derating Factor Storage Channel Temperature Range Symbol VDG VGS(r) IG(f) PD 200 2.8 Tstg -65 to +150 mW mW/C C Value 25 25 10 Unit Vdc Vdc mAdc
http://onsemi.com
2 SOURCE
3 GATE
1 DRAIN
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR-5 Board, (Note 1) TA = 25C Derate above 25C Thermal Resistance, Junction-to-Ambient Junction and Storage Temperature Symbol PD 225 1.8 RqJA TJ, Tstg 556 -55 to +150 mW mW/C C/W C Max Unit 1 2
3
SOT-23 (TO-236) CASE 318 STYLE 10
MARKING DIAGRAM
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. FR-5 = 1.0 x 0.75 x 0.062 in. 1
M6B M G G
M6B = Device Code M = Date Code* G = Pb-Free Package (Note: Microdot may be in either location) *Date Code orientation and/or overbar may vary depending upon manufacturing location.
ORDERING INFORMATION
Device MMBF5484LT1 MMBF5484LT1G Package SOT-23 Shipping 3,000 / Tape & Reel
SOT-23 3,000 / Tape & Reel (Pb-Free)
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 2006
1
February, 2006 - Rev. 3
Publication Order Number: MMBF5484LT1/D
MMBF5484LT1
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Gate-Source Breakdown Voltage (IG = -1.0 mAdc, VDS = 0) Gate Reverse Current (VGS = - 20 Vdc, VDS = 0) (VGS = - 20 Vdc, VDS = 0, TA = 100C) V(BR)GSS IGSS VGS(off) -25 - - -0.3 - -1.0 -0.2 -3.0 Vdc nAdc mAdc Vdc Symbol Min Max Unit
Gate Source Cutoff Voltage (VDS = 15 Vdc, ID = 10 nAdc) ON CHARACTERISTICS Zero-Gate-Voltage Drain Current (VDS = 15 Vdc, VGS = 0) SMALL- SIGNAL CHARACTERISTICS Forward Transfer Admittance (VDS = 15 Vdc, VGS = 0, f = 1.0 kHz) Output Admittance (VDS = 15 Vdc, VGS = 0, f = 1.0 kHz) Input Capacitance (VDS = 15 Vdc, VGS = 0, f = 1.0 MHz) Reverse Transfer Capacitance (VDS = 15 Vdc, VGS = 0, f = 10 MHz) Output Capacitance (VDS = 15 Vdc, VGS = 0, f = 1.0 MHz)
IDSS
1.0
5.0
mAdc
|Yfs| |yos| Ciss Crss Coss
3000 - - - -
6000 50 5.0 1.0 2.0
mmhos mmhos pF pF pF
COMMON SOURCE CHARACTERISTICS ADMITTANCE PARAMETERS
(VDS = 15 Vdc, Tchannel = 25C)
grs , REVERSE TRANSADMITTANCE (mmhos) brs , REVERSE SUSCEPTANCE (mmhos) 30 gis, INPUT CONDUCTANCE (mmhos) bis, INPUT SUSCEPTANCE (mmhos) 20 10 7.0 5.0 3.0 2.0 gis @ 0.25 IDSS 1.0 0.7 0.5 0.3 10 20 30 bis @ IDSS 5.0 3.0 2.0 brs @ IDSS 1.0 0.7 0.5 0.3 0.2 0.1 0.07 0.05 grs @ IDSS, 0.25 IDSS 10 20 30 50 70 100 200 300 f, FREQUENCY (MHz) 500 700 1000 0.25 IDSS
gis @ IDSS
bis @ 0.25 IDSS 50 70 100 200 300 f, FREQUENCY (MHz) 500 700 1000
Figure 1. Input Admittance (yis)
gfs, FORWARD TRANSCONDUCTANCE (mmhos) |b fs|, FORWARD SUSCEPTANCE (mmhos)
Figure 2. Reverse Transfer Admittance (yrs)
20 10 7.0 5.0 3.0 2.0 1.0 0.7 0.5 0.3 0.2 10 20 30 50 70 100 200 300 f, FREQUENCY (MHz) 500 700 1000 |bfs| @ IDSS |bfs| @ 0.25 IDSS gos, OUTPUT ADMITTANCE (mhos) bos, OUTPUT SUSCEPTANCE (mhos)
10 5.0 2.0 1.0 0.5 0.2 0.1 0.05 0.02 0.01 10 20 30 50 70 100 200 300 f, FREQUENCY (MHz) 500 700 1000 gos @ 0.25 IDSS gos @ IDSS bos @ IDSS and 0.25 IDSS
gfs @ IDSS gfs @ 0.25 IDSS
Figure 3. Forward Transadmittance (yfs) http://onsemi.com
2
Figure 4. Output Admittance (yos)
MMBF5484LT1
COMMON SOURCE CHARACTERISTICS
S-PARAMETERS (VDS = 15 Vdc, Tchannel = 25C, Data Points in MHz)
30 40 20 10 0 1.0 350 100 100 0.9 50 300 0.8 60 70 80 90 100 110 120 0.7 ID = IDSS 500 400 600 500 600 0.6 800 900 700 900 700 800 280 270 260 250 240 80 90 100 110 120 290 70 400 300 200 100 0.0 280 270 260 250 240 300 60 600 800 700 500 0.1 200 340 330 320 40 30 20 10 0 0.4 350 340 330 320 ID = 0.25 IDSS 200 300 400 0.3 310 50 ID = IDSS, 0.25 IDSS 900 0.2 300 290 310
130
230
130
230
140 150 160 170 180 190 200 210
220
140 150 160 170 180 190 200 210
220
Figure 5. S11s
30 40 20 10 0 350 340 330 320 40 30 20
Figure 6. S12s
10 0 350 340 330 100 200 ID = 0.25 IDSS 300 1.0 400 100 200 500 300 600 400 700 0.9 500 800 600 ID = IDSS 700 900 800 900 0.8
320
0.6 50 0.5 60 70 80 90 100 110 120 900 800 700 600 500 400 300 ID = IDSS 240 200 100 0.5 230 0.6 130 120 800 700 600 ID = 0.25 IDSS 500 400 300 200 100 0.4 250 110 0.3 900 0.3 280 270 260 80 90 100 0.4 300 290 60 70 310 50
310
300 0.7 290 280 270 260 250 240
0.6
130
230
140 150 160 170 180 190 200 210
220
140 150 160 170 180 190 200 210
220
Figure 7. S21s http://onsemi.com
3
Figure 8. S22s
MMBF5484LT1
COMMON GATE CHARACTERISTICS ADMITTANCE PARAMETERS
(VDG = 15 Vdc, Tchannel = 25C)
20 gig, INPUT CONDUCTANCE (mmhos) big, INPUT SUSCEPTANCE (mmhos) 10 7.0 5.0 3.0 2.0 1.0 0.7 0.5 0.3 0.2 10 20 30
grg , REVERSE TRANSADMITTANCE (mmhos) brg , REVERSE SUSCEPTANCE (mmhos)
0.5 0.3 0.2 0.1 0.07 0.05 0.03 0.02 0.01 gig @ IDSS, 0.25 IDSS 10 20 30 50 70 100 200 300 f, FREQUENCY (MHz) 500 700 1000 0.25 IDSS brg @ IDSS
gig @ IDSS grg @ 0.25 IDSS
big @ IDSS big @ 0.25 IDSS 50 70 100 200 300 f, FREQUENCY (MHz) 500 700 1000
0.007 0.005
Figure 9. Input Admittance (yig)
Figure 10. Reverse Transfer Admittance (yrg)
gfg , FORWARD TRANSCONDUCTANCE (mmhos) bfg , FORWARD SUSCEPTANCE (mmhos)
gog, OUTPUT ADMITTANCE (mmhos) bog, OUTPUT SUSCEPTANCE (mmhos)
10 7.0 5.0 3.0 2.0 1.0 0.7 0.5 0.3 0.2 0.1 10 20 30 bfg @ IDSS
gfg @ IDSS gfg @ 0.25 IDSS
1.0 0.7 0.5 0.3 0.2 0.1 0.07 0.05 0.03 0.02
bog @ IDSS, 0.25 IDSS
gog @ IDSS
brg @ 0.25 IDSS
gog @ 0.25 IDSS 0.01 50 70 100 200 300 f, FREQUENCY (MHz) 500 700 1000 10 20 30 50 70 100 200 300 f, FREQUENCY (MHz) 500 700 1000
Figure 11. Forward Transfer Admittance (yfg)
Figure 12. Output Admittance (yog)
http://onsemi.com
4
MMBF5484LT1
COMMON GATE CHARACTERISTICS
S-PARAMETERS (VDS = 15 Vdc, Tchannel = 25C, Data Points in MHz)
30 40 20 10 0 0.7 100 0.6 50 100 0.5 60 ID = IDSS 70 80 90 100 110 120 0.4 200 300 400 500 600 900 700 0.3 800 900 280 270 260 250 240 80 90 100 ID = IDSS 110 120 700 800 900 130 230 130 900 0.03 230 600 100 500 600 700 800 240 0.02 ID = 0.25 IDSS 0.01 0.0 280 270 260 250 ID = 0.25 IDSS 200 300 400 500 600 700 800 290 70 0.01 290 0.02 300 60 300 310 50 0.03 310 350 340 330 320 40 30 20 10 0 0.04 350 340 330 320
140 150 160 170 180 190 200 210
220
140 150 160 170
0.04 180 190 200 210
220
Figure 13. S11g
30 40 20 10 0 0.5 100 0.4 50 0.3 60 70 80 0.1 90 100 110 120 900 900 260 250 240 100 110 120 0.2 ID = 0.25 IDSS 300 290 280 270 60 70 80 90 ID = IDSS 100 310 50 350 340 330 320 40 30 20
Figure 14. S12g
10 0 1.5 1.0 100 0.9 350 300 200 400 600 800 900 310 340 500 700 330 320
ID = IDSS, 0.25 IDSS 0.8
300 0.7 290 280 270 260 250 240
0.6
130
230
130
230
140 150 160 170 180 190 200 210
220
140 150 160 170 180 190 200 210
220
Figure 15. S21g http://onsemi.com
5
Figure 16. S22g
MMBF5484LT1
PACKAGE DIMENSIONS
SOT-23 (TO-236) CASE 318-08 ISSUE AN
D
3 SEE VIEW C
E
1 2
HE c b e q 0.25
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. 318-01 THRU -07 AND -09 OBSOLETE, NEW STANDARD 318-08. MILLIMETERS NOM MAX 1.00 1.11 0.06 0.10 0.44 0.50 0.13 0.18 2.90 3.04 1.30 1.40 1.90 2.04 0.20 0.30 0.54 0.69 2.40 2.64 INCHES NOM 0.040 0.002 0.018 0.005 0.114 0.051 0.075 0.008 0.021 0.094
A L A1 L1 VIEW C
DIM A A1 b c D E e L L1 HE
MIN 0.89 0.01 0.37 0.09 2.80 1.20 1.78 0.10 0.35 2.10
MIN 0.035 0.001 0.015 0.003 0.110 0.047 0.070 0.004 0.014 0.083
MAX 0.044 0.004 0.020 0.007 0.120 0.055 0.081 0.012 0.029 0.104
STYLE 10: PIN 1. DRAIN 2. SOURCE 3. GATE
SOLDERING FOOTPRINT*
0.95 0.037 0.95 0.037
2.0 0.079 0.9 0.035
SCALE 10:1
0.8 0.031
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
6
MMBF5484LT1/D


▲Up To Search▲   

 
Price & Availability of MMBF5484LT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X